| データシートサーチシステム |
|
SW-259 データシート(PDF) 4 Page - M/A-COM Technology Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
SW-259 データシート(HTML) 4 Page - M/A-COM Technology Solutions, Inc. |
|
4 / 4 page ![]() Drivers for GaAs FET Switches and Digital Attenuators Rev. V5 Application Note S2079 • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.4155721 • China Tel: +86.21.2407.1588 4 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Additional Notes: Application Note M537, GaAs MMIC Based Control Components with Integral Drivers defines performance parameters for switches and attenuators. 1. See Application Note M517, MASW6010 GaAs SPDT Switch Performance and Driver Circuit Techniques for additional information on designing with the SWD-109 and SWD-119 drivers. 2. For pin assignments and supply voltages for the SWD-109 and SWD-119 single/quad drivers, see the SWD-109/119 data sheet, available on the M/A- COM web site at www.macom.com. 3. See Application Note M521, Positive Voltage Control of GaAs MMIC Control Devices for more information on floating attenuators above ground potential. 4. See Application Note M539, Drivers for GaAs MMIC Switches and Digital Attenuators for more information on compression and intermodulation distortion and the operation of the SW-109 and SWD-119 drivers. 5. See manufacturers' data sheets and application notes for additional information on digital logic IC's. 6. Please contact your M/A-COM sales representative for information on the latest switches and attenuators. Appendix Popular M/A-COM GaAs FET switches In the following tables, switching speed is the time from the 50 percent point of the control voltage rise or fall to the occurrence of 90 percent (on) or 10 percent (off) of the switched RF level. Part No. Type Package Switching Speed SW-212 SPST FP-13 6 ns SW-214 SPST terminated FP-13 6 ns SW-226 SPDT terminated CR-2 6 ns SW-227 SPDT CR-2 6 ns SW-239 SPDT SOIC-8 4 ns SW-259 SPST terminated SOIC-8 8 ns SW-276 SPDT CR-2 35 ns SW-279 SPDT SOIC-8 35 ns SW-289 SP4T SOIC-14 6 ns SW-337, 338 SPDT terminated SOIC-8 10 ns SW-391 1 SPDT SOT-26 42 ns SW-392 1 SPDT SOT-26 20 ns SW-395 1 SPDT SOT-26 8 ns SW-419 SP4T SOIC-24 16 ns SW-425 1 SPDT SOT-26 ~ 20 ns SW-437 SPDT SOT-363 ~ 8 ns SW-439* SPDT MSOP-10 ~ 34 ns Dual Control Negative Bias 1. Contains no shunt FET’s, hence can operate with positive control voltages without ground pull-up components if provided with DC blocking capacitors on all RF lines. Dual Positive Control, Requires Positive Supply (Includes pull-up components on-chip) Part Number Type Package Switching Speed SW-277 SPDT SOIC-8 35 ns SW-349 SPST terminated SOIC-8 2 μs SW-394 SPDT SOIC-8 36 μs SW-399 SPST SOT-26 110 μs Part Number Type Package Switching Speed SW05-0311 SPST, TTL/CMOS in CR-9 150 ns SW10-0312 SPDT, TTL/CMOS in CR-9 150 ns SW10-0313 SPDT, TTL/CMOS in CR-9 150 ns SW65-0014 SPST, TTL/CMOS in SOIC-24 50 ns SW65-0114 SPST, TTL/CMOS in SOIC-24 50 ns SW65-0214 SP3T, TTL/CMOS in SOIC-24 50 ns SW65-0313 SP2T, TTL/CMOS in SOIC-16 50ns SW65-0314 SP4T, TTL/CMOS in SOIC-24 50 ns SW65-0440 SP4T, absorptive, TTL/CMOS in QSOP-24 50 ns SW-110 SPDT, TTL/CMOS in CR-9 35 ns SW-311 SPST, TTL.CMOS in CR-9 12 ns SW-312 SPDT, TTL/CMOS in CR-9 7 ns SW-313 SPD, TTL/CMOS in CR-9 18 ns SW-335 SPDT, TTL /CMOS in SOIC-8 200 ns SW-224 SPDT, TTL in TO-5-4 150 ns SW- 225 SPDT, TTL in FP-13 150 ns Single Control, Integral Driver, Positive Supply Part Number Type Package Switching Speed SW-205 SPDT, TTL in DI-1 20 ns SW-206 SPDT, CMOS in DI-1 40 ns SW-215 SPST, TTL in DI-1 20 ns SW-216 SPDT, CMOS in DI-1 40 ns SW-217 SPDT, TTL in DI-1 20 ns SW-233 SPDT, TTL in FP-16 20 ns SW-236 SPDT, CMOS in FP-16 40 ns Single Control, Integral Driver, Requires Positive And Negative Supplies |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |