データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R2A20134SP データシート(PDF) 5 Page - Renesas Technology Corp

部品番号 R2A20134SP
部品情報  LED Lighting Power Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20134SP データシート(HTML) 5 Page - Renesas Technology Corp

  R2A20134SP Datasheet HTML 1Page - Renesas Technology Corp R2A20134SP Datasheet HTML 2Page - Renesas Technology Corp R2A20134SP Datasheet HTML 3Page - Renesas Technology Corp R2A20134SP Datasheet HTML 4Page - Renesas Technology Corp R2A20134SP Datasheet HTML 5Page - Renesas Technology Corp R2A20134SP Datasheet HTML 6Page - Renesas Technology Corp R2A20134SP Datasheet HTML 7Page - Renesas Technology Corp R2A20134SP Datasheet HTML 8Page - Renesas Technology Corp R2A20134SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
R2A20134SP
Preliminary
R03DS0033EJ0200 Rev.2.00
Page 5 of 10
Jun 03, 2011
Electrical Characteristics
(Ta = 25°C, VCC = 15 V, CS = 0 V, FB = COMP, RRT = 200 k
)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
UVLO turn-on threshold
Vuvlh
11.2
12
12.8
V
UVLO turn-off threshold
Vuvll
8.5
9.2
9.9
V
UVLO hysteresis
Hysuvl
2.1
2.8
3.5
V
Standby current
Istby
130
250
A
VCC = Vuvlh – 0.2 V
Supply
Operating current
Icc
2.2
3.3
mA
Reference voltage
Vref
4.945
5.020
5.095
V
Isource = 0 mA
Temperature stability
dVref
80
ppm/°C
Tj = –40 to 150°C *
1
Line regulation
Vref-line
5
20
mV
Isource = 0 mA
Vcc = 10 V to 24 V
VREF
Load regulation
Vref-load
5
20
mV
Isource = 0 mA to –5 mA
Feedback voltage
Vfb
0.587
0.605
0.623
V
Input bias current
Ifb
–0.75
–0.25
–0.1
A
Measured pin: FB
Open loop gain
Av
63
dB
Upper clamp voltage
Vclamp_comp
3.85
4.10
4.30
V
FB = 0.3 V
COMP: Open
Low voltage
Vl-comp
0.1
0.3
V
FB = 0.9 V
COMP: Open
Source current
Isrc-comp
–13
–9.5
–6
A
FB = 0.3 V
COMP: 2.5 V
Sink current
Isnk-comp
6
9.5
13
A
FB = 0.9 V
COMP: 2.5 V
Error
amplifier
Transconductance
gm
25
45
70
s
FB = 0.55 V
 0.65 V
COMP: 2.5 V
RAMP offset voltage
Voffset_ramp
1.0
V
RAMP amplitude
dVramp
2.9
3.1
3.3
V
*2
RT voltage1
V-rt1
1.9
2.0
2.1
V
RT-GND: 200 k
RT
RT voltage2
V-rt2
2.9
3.0
3.1
V
RT-Vref: 200 k
ZCD threshold voltage
Vzcd
7
13
19
mV
Zero
current
detector
Input bias current
Ics
–85
–53
–25
A
Vcs = 13 mV
Restart
Restart time delay
Tstart
45
75
140
s
FB = 0.3 V, COMP = 2.5 V
Notes: *1 Design spec
*2 dVramp = Vclamp_comp – Voff_ramp



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com