| データシートサーチシステム |
|
R5F2136CSNFP データシート(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2136CSNFP データシート(HTML) 11 Page - Renesas Technology Corp |
|
11 / 61 page ![]() R8C/36T-A Group 1. Overview R01DS0055EJ0100 Rev.1.00 Page 11 of 58 Dec 09, 2011 Table 1.8 Pin Functions (2) Item Pin Name I/O Description A/D converter AN0 to AN11 I Analog input for the A/D converter. ADTRG I External trigger input for the A/D converter. Comparator B IVCMP1, IVCMP3 I Analog voltage input for comparator B. IVREF1, IVREF3 I Reference voltage input for comparator B. Touch sensor control unit CHxA0, CHxA1, CHxB, CHxC I/O Control pins for electrostatic capacitive touch detection. CH00 to CH08, CH10, CH11, CH16 to CH25, CH27, CH28, CH31 to CH35 I Electrostatic capacitive touch detection pins. I/O ports P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P4_3 to P4_7, P5_0 to P5_4, P5_6, P5_7, P6_0 to P6_7, P8_0 to P8_6 I/O 8-bit CMOS input/output ports. Each port has an I/O select direction register, enabling switching input and output for each pin. For input ports, the presence or absence of a pull-up resistor can be selected by a program. All ports can be used as LED drive (high drive) ports. Input port P4_2 I Input-only port. |