| データシートサーチシステム |
|
R5F64112NFB データシート(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F64112NFB データシート(HTML) 6 Page - Renesas Technology Corp |
|
6 / 108 page ![]() R01DS0062EJ0120 Rev.1.20 Page 6 of 99 Sep 26, 2011 R32C/111 Group 1. Overview Note: 1. Contact a Renesas Electronics sales office to use the optional features. Table 1.5 Performance Overview for the 64-pin Package (1/2) Unit Function Explanation CPU Central processing unit R32C/100 Series CPU Core • Basic instructions: 108 • Minimum instruction execution time: 20 ns (f(CPU) = 50 MHz) • Multiplier: 32-bit × 32-bit 64-bit • Multiply-accumulate unit: 32-bit × 32-bit + 64-bit 64-bit • IEEE-754 compatible FPU: Single precision • 32-bit barrel shifter • Operating mode: Single-chip mode Memory Flash memory: 128/256 Kbytes RAM: 32 Kbytes Data flash: 4 Kbytes × 2 blocks Refer to Table 1.7 for memory size of each product group Voltage Detector Low voltage detector Optional (1) Low voltage detection interrupt Clock Clock generator • 4 circuits (main clock, sub clock, PLL, on-chip oscillator) • Oscillation stop detector: Main clock oscillator stop/restart detection • Frequency divide circuit: Divide-by-2 to divide-by-24 selectable • Low power modes: Wait mode, stop mode Interrupts Interrupt vectors: 261 External interrupt inputs: NMI, INT × 6, key input × 4 Interrupt priority levels: 7 Watchdog Timer 15 bits × 1 (selectable input frequency from prescaler output) DMA DMAC 4 channels • Cycle-steal transfer mode • Request sources: 45 • 2 transfer modes: Single transfer, repeat transfer DMAC II • Can be activated by any peripheral interrupt source • 3 transfer functions: Immediate data transfer, calculation transfer, chained transfer I/O Ports Programmable I/O ports • 1 input-only port • 49 CMOS I/O ports • 2 N-channel open drain ports • A pull-up resistor is selectable for every 4 input ports |