データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R5F5630ACDFB データシート(PDF) 76 Page - Renesas Technology Corp

部品番号 R5F5630ACDFB
部品情報  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630ACDFB データシート(HTML) 76 Page - Renesas Technology Corp

Back Button R5F5630ACDFB Datasheet HTML 72Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 73Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 74Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 75Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 76Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 77Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 78Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 79Page - Renesas Technology Corp R5F5630ACDFB Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 76 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
 Longword-size I/O registers
MOV.L #SFR_ADDR, R1
MOV.L #SFR_DATA, [R1]
CMP
[R1].L, R1
;; Next process
If multiple registers are written to and a subsequent instruction should be executed after the write operations are entirely
completed, only read the I/O register that was last written to and execute the operation using the value; it is not necessary
to read or execute operation for all the registers that were written to.
(3)
Number of Access Cycles to I/O Registers
For the number of I/O register access cycles, refer to Table 4.1, List of I/O Registers (Address Order).
The number of access cycles to I/O registers is obtained by following equation.*1
Number of access cycles to I/O registers = Number of bus cycles for internal main bus 1 +
Number of divided clock synchronization cycles +
Number of bus cycles for internal peripheral bus 1 to 6
The number of bus cycles of internal peripheral bus 1 to 6 differs according to the register to be accessed.
When peripheral functions connected to internal peripheral bus 2 to 6 or registers for the external bus control unit (except
for bus error related registers) are accessed, the number of divided clock synchronization cycles is added.
The number of divided clock synchronization cycles differs depending on the frequency ratio between ICLK and PCLK
(or FCLK, BCLK) or bus access timing.
In the peripheral function unit, when the frequency ratio of ICLK is equal to or greater than that of PCLK (or FCLK), the
sum of the number of bus cycles for internal main bus 1 and the number of the divided clock synchronization cycles will
be one cycle of PCLK (or FCLK) at a maximum. Therefore, one PCLK (or FCLK) has been added to the number of
access states shown in Table 4.1.
When the frequency ratio of ICLK is lower than that of PCLK (or FCLK), the subsequent bus access is started from the
ICLK cycle following the completion of the access to the peripheral functions. Therefore, the access cycles are described
on an ICLK basis.
In the external bus control unit, the sum of the number of bus cycles for internal main bus 1 and the number of divided
clock synchronization cycles will be one cycle of BCLK at a maximum. Therefore, one BCLK is added to the number of
access cycles shown in Table 4.1.
Note 1.
This applies to the number of cycles when the access from the CPU does not conflict with the instruction
fetching to the external memory or bus access from the different bus master (DMAC or DTC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More