| データシートサーチシステム |
|
R5F5630ACDFC データシート(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5630ACDFC データシート(HTML) 7 Page - Renesas Technology Corp |
|
7 / 165 page ![]() R01DS0060EJ0100 Rev.1.00 Page 7 of 168 Sep 13, 2011 RX630 Group 1. Overview Table 1.2 Functions of RX630 Group Products Functions RX630 Group Package 177 Pins, 176 Pins 145 Pins, 144 Pins 100 Pins 80 Pins External bus External bus width 32 bits 16 bits Not supported DMA DMA controller Ch. 0 to 3 Data transfer controller Supported Timers 16-bit timer pulse unit Ch. 0 to 11 Ch. 0 to 5 Multi-function timer pulse unit 2 Ch. 0 to 5 Port output enable 2 Supported Programmable pulse generator Ch. 0 and 1 8-bit timers Ch. 0 to 3 Compare match timer Ch. 0 to 3 Realtime clock Supported Watchdog timer Supported Independent watchdog timer Supported Communication function USB 2.0 function module Ch. 0 Serial communications interfaces (SClc) Ch. 0 to 11 Ch. 0 to 3, 5, 6, 8, 9 Ch. 1, 5, 6, 8, 9 Serial communications interfaces (SCld) Ch. 12 I2C bus interfaces Ch. 0 to 3 Ch. 0, 2 IEBus Supported Serial peripheral interfaces Ch. 0 to 2 Ch. 0, 1 CAN module For 1 M or less: Ch. 0, 1 For 1.5 M or more: Ch. 0 to 2 For 512 K or less: Ch. 1 For 768 K or more: Ch. 0, 1 Ch. 1 12-bit A/D converter AN000 to 020 AN000 to 013 AN000 to 010 10-bit A/D converter AN0 to 7 AN0 to 3 D/A converter Ch. 0, 1 Ch. 1 Temperature sensor Supported CRC calculator Supported |