| データシートサーチシステム |
|
R5F6411FDFP データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F6411FDFP データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 108 page ![]() R01DS0062EJ0120 Rev.1.20 Page 13 of 99 Sep 26, 2011 R32C/111 Group 1. Overview 1.4 Pin Assignments Figure 1.5 to Figure 1.8 show the pin assignments (top view) and Table 1.8 to Table 1.14 show the pin characteristics. Figure 1.5 Pin Assignment for the 100-pin Package (top view) 37 38 39 40 41 42 43 44 45 46 47 48 49 50 26 27 28 29 30 31 32 33 34 35 36 100 99 98 97 96 95 94 93 92 91 90 89 87 86 85 84 83 82 81 80 79 78 77 76 88 RXD4 / SCL4 / STXD4 / ADTRG / P9_7 P7_0 / TA0OUT / TXD2 / SDA2 / SRXD2 / IIO1_6 / OUTC2_0 / ISTXD2 / IEOUT (Note 2) P6_7 / TXD1 / SDA1 / SRXD1 AVCC VREF AN_0 / P10_0 AVSS AN_1 / P10_1 AN_2 / P10_2 AN_3 / P10_3 KI0 / AN_4 / P10_4 KI1 / AN_5 / P10_5 KI2 / AN_6 / P10_6 KI3 / AN_7 / P10_7 AN0_0 / D0 / P0_0 AN0_1 / D1 / P0_1 AN0_2 / D2 / P0_2 AN0_3 / D3 / P0_3 AN0_4 / D4 / P0_4 AN0_5 / D5 / P0_5 AN0_6 / D6 / P0_6 AN0_7 / D7 / P0_7 P6_6 / RXD1 / SCL1 / STXD1 P6_5 / CLK1 P6_4 / CTS1 / RTS1 / SS1 / OUTC2_1 / ISCLK2 P6_3 / TXD0 / SDA0 / SRXD0 P6_2 / TB2IN / RXD0 / SCL0 / STXD0 P6_1 / TB1IN / CLK0 P6_0 / TB0IN / CTS0 / RTS0 / SS0 P5_7 / RDY / CS3 / CTS7 / RTS7 P5_6 / ALE / CS2 / RXD7 P5_5 / HOLD / CLK7 P5_4 / HLDA / CS1 / TXD7 P5_3 / CLKOUT / BCLK P5_2 / RD P5_1 / WR1 / BC1 P5_0 / WR0 / WR P4_7 / CS0 / A23 / TXD6 / SDA6 / SRXD6 P4_6 / CS1 / A22 / RXD6 / SCL6 / STXD6 P4_5 / CS2 / A21 / CLK6 P4_4 / CS3 / A20 / CTS6 / RTS6 / SS6 TXD4 / SDA4 / SRXD4 / ANEX1 / P9_6 CLK4 / ANEX0 / P9_5 P7_2 / TA1OUT / V / CLK2 P7_1 / TA0IN / TB5IN / RXD2 / SCL2 / STXD2 / IIO1_7 / OUTC2_2 / ISRXD2 / IEIN IIO0_1 / IIO1_1 / D9 / P1_1 IIO0_2 / IIO1_2 / D10 / P1_2 P4_2 / A18 / RXD3 / SCL3 / STXD3 / ISRXD2 / IEIN P4_3 / A19 / TXD3 / SDA3 / SRXD3 / OUTC2_0 / ISTXD2 / IEOUT IIO0_0 / IIO1_0 / D8 / P1_0 PLQP0100KB-A (100P6Q-A) (Top view) R32C/111 GROUP (Note 1) (Note 3) Notes: 1. Pin names in brackets [ ] represent a functional signal as a whole and should not be considered as two separate pins. 2. Pins P7_0 and P7_1 are open drain outputs. 3. The position of pin number 1 varies by product. Refer to the index mark in attached “Package Dimensions”. VCC1 VCC2 (Note 2) |