| データシートサーチシステム |
|
R5F5631ADDFB データシート(PDF) 47 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5631ADDFB データシート(HTML) 47 Page - Renesas Technology Corp |
|
47 / 108 page ![]() R01DS0098EJ0090 Rev.0.90 Page 47 of 106 Dec 27, 2011 RX63N Group, RX631 Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. Note 1. Enabled only for the on-chip ROM capacity of 768 Kbytes or more Note 2. The BCLK function is multiplexed with the I/O port function for pin P53, so the port function is not available if the external bus is enabled. 94 VREFL0 95 P40 IRQ8-DS AN000 96 VREFH0 97 AVCC0 98 P07 IRQ15 ADTRG0# 99 AVSS0 100 P05 IRQ13 DA1 Table 1.9 List of Pins and Pin Functions (100-Pin LQFP) (4/4) Pin No. Power Supply Clock System Control I/O Port Bus EXDMAC Timers Communications Interrupt S12AD AD DA 100-pin LQFP (MTU, TPU, TMR, PPG, RTC, POE) (ETHERC, SCIc, SCId, RSPI, RIIC, CAN, IEB, USB) |