| データシートサーチシステム |
|
R5F5631BCDFB データシート(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5631BCDFB データシート(HTML) 7 Page - Renesas Technology Corp |
|
7 / 108 page ![]() R01DS0098EJ0090 Rev.0.90 Page 7 of 106 Dec 27, 2011 RX63N Group, RX631 Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. Table 1.2 Comparison of Functions for Different Packages in the RX63N/RX631 Group Functions RX63N Group RX631 Group Package 177-pin 176-pin 145-pin 144-pin 100-pin 177-pin 176-pin 145-pin 144-pin 100-pin External bus width External bus width 32 bits 16 bits 32 bits 16 bits SDRAM area controller Available Not available Available Not available DMA DMA controller Ch. 0 to 3 Ch. 0 to 3 EXDMA controller Ch. 0 and 1 Ch. 0 and 1 Data transfer controller Available Available Timers 16-bit timer pulse unit Ch. 0 to 11 Ch. 0 to 5 Ch. 0 to 11 Ch. 0 to 5 Multi-function timer pulse unit 2 Ch. 0 to 5 Ch. 0 to 5 Port output enable 2 Available Available Programmable pulse generator Ch. 0 and 1 Ch. 0 and 1 8-bit timers Ch. 0 to 3 Ch. 0 to 3 Compare match timer Ch. 0 to 3 Ch. 0 to 3 Realtime clock Available Available Watchdog timer Available Available Independent watchdog timer Available Available Communication function Ethernet controller Available Not available DMA controller for Ethernet controller Available Not available USB 2.0 host/function module Ch. 0 and 1 ch0 Ch. 0 and 1 ch0 Serial communications interfaces (SClc) Ch. 0 to 11 Ch. 0 to 3, 5, 6, 8 and 9 Ch. 0 to 11 Ch. 0 to 3, 5, 6, 8 and 9 Serial communications interfaces (SCld) Ch. 12 Ch. 12 I2C bus interfaces Ch. 0 to 3 ch0, 2 Ch. 0 to 3 ch0, 2 IEBus Available Available Serial peripheral interfaces ch0 to 2 Ch. 0 and 1 ch0 to 2 Ch. 0 and 1 CAN module For 1.5 M or more: Ch. 0 to 2, For 1 M or less: Ch. 0 and 1 Ch. 0 and 1 For 1.5 M or more: Ch. 0 to 2, For 1 M or less: Ch. 0 and 1 Ch. 0 and 1 12-bit A/D converter (channel) AN000 to 020 AN000 to 013 AN000 to 020 AN000 to 013 10-bit A/D converter (channel) AN0 to 7 AN0 to 7 D/A converter (resolution x channel) Ch. 0 and 1 ch1 Ch. 0 and 1 ch1 Temperature sensor Available Available CRC calculator Available Available |