データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPS5020FT1R2N データシート(PDF) 3 Page - Superworld Electronics

部品番号 SPS5020FT1R2N
部品情報  Low Profile Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUPERWORLD [Superworld Electronics]
ホームページ  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS5020FT1R2N データシート(HTML) 3 Page - Superworld Electronics

  SPS5020FT1R2N Datasheet HTML 1Page - Superworld Electronics SPS5020FT1R2N Datasheet HTML 2Page - Superworld Electronics SPS5020FT1R2N Datasheet HTML 3Page - Superworld Electronics SPS5020FT1R2N Datasheet HTML 4Page - Superworld Electronics SPS5020FT1R2N Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. RELIABILITY & TEST CONDITION :
Resistance to Soldering heat
Vibration
Substrate bending
ITEM
(A total of 6 hours)
the condition shown in the above profile for 1 time.
130~150°C and after it has been immersed to a depth 0.5mm
with new solder smoothly when the sample is taken out of
The specimen shall be stored at standard atmospheric
conditions for 1 hour, after which the measurement shall
There shall be no damage or problems.
The specimen shall be passed through the reflow oven with
the solder bath.
More than 90% of the electrode sections shall be cowered
a temperature of 245±5°C.
below for 3±0.2 seconds fully in molten solder M705 with
then be preheated for about 2 minutes in a temperature of
Flux (rosin, isopropyl alcohol{JIS-K-1522}) shall be coated
over the whole of the sample before hard, the sample shall
be applied to the 3 directions (X,Y,Z) for 2 hours each.
a frequency of from 10 to 55Hz/1 minute repeated should
There shall be no mechanical damage.
L/Lo±10%
There shall be no mechanical damage or
The sample shall be soldered onto the printed circuit board
and when a vibration having an amplitude of 1.52mm and
PERFORMANCE
TEST CONDITION
electrical damage.
The sample shall be soldered onto the printed circuit board
in figure 1 and a load applied until the figure in the arrow
direction is made approximately 3mm.(keep time 30 secs)
PRESSURE ROD figure-1
Solderability
New solder More than 90%
Mechanical
(reflow soldering)
be made.
100
50
20
30
30
20
t = 1.6
4.5
45±2
45±2
20
10
R5
R340
Bending test board
L/Lo±10%
300
250
200
150
100
50
2 min.
10
sec
2 min. or more
150~
180°C
30 sec Min.
(230 °C )
Soldering
(Peak temperature 260±3°C 10sec)
Slow cooling
(Stored at room
temperature)
Pre-heating
+0
20.03.2012
Low Profile Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SPS5020FT SERIES



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com