| データシートサーチシステム |
|
IXTP70N075T2 データシート(PDF) 3 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXTP70N075T2 データシート(HTML) 3 Page - IXYS Corporation |
|
3 / 11 page ![]() DC to DC Synchronous Converter Design Abdus Sattar, IXYS Corporation IXAN0068 3 Figure 3: Ideal Circuit waveforms (with no dead time) The Switching Period, off on S T T T + = , the Switching frequency, S S T f 1 = The duty cycle, off on on S on T T T T T D + = = , Turn-on time, S on DT T = Turn-off time, S off T D T ) 1 ( − = . Figure 4: Ideal synchronous buck converter inductor current An output DC voltage with lowest ripple is considered the best solution. Ripple appears in the output voltage as the L1 current’s ripple component, ) ( 1 t I L Δ , which charges and discharges the output capacitor, C1, as shown in Figure 4. C1 is charged during the |