データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C503B-RBS-CW0X0AA2 データシート(PDF) 7 Page - Marktech Corporate

部品番号 C503B-RBS-CW0X0AA2
部品情報  Cree짰 5-mm Red and Amber Round LEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARKTECH [Marktech Corporate]
ホームページ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C503B-RBS-CW0X0AA2 データシート(HTML) 7 Page - Marktech Corporate

Back Button C503B-RBS-CW0X0AA2 Datasheet HTML 3Page - Marktech Corporate C503B-RBS-CW0X0AA2 Datasheet HTML 4Page - Marktech Corporate C503B-RBS-CW0X0AA2 Datasheet HTML 5Page - Marktech Corporate C503B-RBS-CW0X0AA2 Datasheet HTML 6Page - Marktech Corporate C503B-RBS-CW0X0AA2 Datasheet HTML 7Page - Marktech Corporate C503B-RBS-CW0X0AA2 Datasheet HTML 8Page - Marktech Corporate C503B-RBS-CW0X0AA2 Datasheet HTML 9Page - Marktech Corporate C503B-RBS-CW0X0AA2 Datasheet HTML 10Page - Marktech Corporate C503B-RBS-CW0X0AA2 Datasheet HTML 11Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
CLD-CT1079.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Color
Kit Number
Viewing
Angle
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Amber
C503B-ACS-CW0Y0251
30
3000
8200
A2
584
A5
596
Bulk
Yes
Amber
C503B-ACS-CW0X0341
30
3000
5860
A3
587
A4
593
Bulk
Yes
Amber
C503B-ACS-CX0Y0341
30
4180
8200
A3
587
A4
593
Bulk
Yes
Amber
C503B-ACN-CW0Y0251
30
3000
8200
A2
584
A5
596
Bulk
No
Amber
C503B-ACN-CW0X0341
30
3000
5860
A3
587
A4
593
Bulk
No
Amber
C503B-ACN-CX0Y0341
30
4180
8200
A3
587
A4
593
Bulk
No
Amber
C503B-ACS-CW0Y0252
30
3000
8200
A2
584
A5
596
Ammo
Yes
Amber
C503B-ACS-CW0X0342
30
3000
5860
A3
587
A4
593
Ammo
Yes
Amber
C503B-ACS-CX0Y0342
30
4180
8200
A3
587
A4
593
Ammo
Yes
Amber
C503B-ACN-CW0Y0252
30
3000
8200
A2
584
A5
596
Ammo
No
Amber
C503B-ACN-CW0X0342
30
3000
5860
A3
587
A4
593
Ammo
No
Amber
C503B-ACN-CX0Y0342
30
4180
8200
A3
587
A4
593
Ammo
No
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin codes and single color-
bin codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Pleaserefertothe“CreeLEDLampSoldering&Handling”documentforinformationabouthowtousethisLED
product safely.
Amber (30 degree)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13