| データシートサーチシステム |
|
2SK303G-X-T92-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SK303G-X-T92-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 2 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SK303 Preliminary JFET www.unisonic.com.tw 1 of 2 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R206-071,Ca LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS FEATURES * Ideal For Potentiometers * Analog Switches * Low Frequency Amplifiers * Constant Current Supplies * Impedance Conversion SOT-23 1 3 2 TO-92 1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 2SK303L-x-AE3-R 2SK303G-x-AE3-R SOT-23 D S G Tape Reel 2SK303L-x-T92-B 2SK303G-x-T92-B TO-92 G S D Tape Box 2SK303L-x-T92-K 2SK303G-x-T92-K TO-92 G S D Bulk 2SK303L-x-T92-R 2SK303G-x-T92-R TO-92 G S D Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source MARKING 2SK303-V2 2SK303-V3 2SK303-V4 2SK303-V5 V2 L: Lead Free G: Halogen Free V3 L: Lead Free G: Halogen Free V4 L: Lead Free G: Halogen Free V5 L: Lead Free G: Halogen Free |
同様の部品番号 - 2SK303G-X-T92-R |
|
同様の説明 - 2SK303G-X-T92-R |