| データシートサーチシステム |
|
DTC144EL-AL3-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC144EL-AL3-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC144E NPN SILICON TRANSISTOR www.unisonic.com.tw 1of 3 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R206-050,F NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTC144EL-AE3-R DTC144EG-AE3-R SOT-23 G I O Tape Reel DTC144EL-AL3-R DTC144EG-AL3-R SOT-323 G I O Tape Reel DTC144EL-AN3-R DTC144EG-AN3-R SOT-523 G I O Tape Reel DTC144EL-T92-B DTC144EG-T92-B TO-92 G O I Tape Box DTC144EL-T92-K DTC144EG-T92-K TO-92 G O I Bulk DTC144EL-T92-R DTC144EG-T92-R TO-92 G O I Tape Reel DTC144EL-T9S-K DTC144EG-T9S-K TO-92SP G O I Bulk MARKING (For SOT Package) |
同様の部品番号 - DTC144EL-AL3-R |
|
同様の説明 - DTC144EL-AL3-R |