| データシートサーチシステム |
|
DTD113ZL-T92-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTD113ZL-T92-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTD113Z NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R206-082.F NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT SOT-23 SOT-323 SOT-523 TO-92 1 3 2 1 3 2 1 3 2 1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTD113ZL-AE3-R DTD113ZLG-AE3-R SOT-23 G I O Tape Reel DTD113ZL-AL3-R DTD113ZLG-AL3-R SOT-323 G I O Tape Reel DTD113ZL-AN3-R DTD113ZLG-AN3-R SOT-523 G I O Tape Reel DTD113ZL-T92-B DTD113ZLG-T92-B TO-92 G O I Tape Box DTD113ZL-T92-K DTD113ZLG-T92-K TO-92 G O I Bulk DTD113ZL-T92-R DTD113ZLG-T92-R TO-92 G O I Tape Reel MARKING |
同様の部品番号 - DTD113ZL-T92-R |
|
同様の説明 - DTD113ZL-T92-R |