| データシートサーチシステム |
|
LM339G-P14-R データシート(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LM339G-P14-R データシート(HTML) 4 Page - Unisonic Technologies |
|
4 / 7 page ![]() LM339 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 4 of 7 www.unisonic.com.tw QW-R104-001.I ABSOLUTE MAXIMUM RATINGS (TA=25°C) PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC ±18 or 36 V Differential input Voltage VI(DIFF) 36 V Input Voltage VIN -0.3~36 V Power Dissipation DIP-14 PD 760 mW SOP-14 560 mW TSSOP-14 440 mW Junction Temperature TJ 125 °C Operating Temperature TOPR -20 ~ +85 °C Storage Temperature TSTG -40 ~ 150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (VCC=5.0V, TA=25°C, All voltage referenced to GND unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Input Offset Voltage VI(OFF) VCM=0~VCC-1.5, VOUT(P)=1.4V, RS=0 ±1.5 ±3.0 mV Input Offset Current II(OFF) ±2.3 ±50 nA Input Bias Current IBIAS 57 250 nA Input Common-Mode Voltage Range VIN(R) 0 VCC-1.5 V Supply Current ICC RL=∞ 1.1 2.0 mA Large Signal Voltage Gain GV VCC=15V, RL>15kΩ 50 200 V/mV Large Signal Response Time tRES VIN=TTL logic wing VREF=1.4V, VRL=5V, RL=5.1kΩ 350 ns Response Time tRES VRL=5V, RL=5.1kΩ 1400 ns Output Sink Current ISINK VIN(-)>1V, VIN(+)=0V, VOUT(P)<1.5V 6 18 mA Output Saturation Voltage VSAT VIN(-)>1V, VIN(+)=0V, ISINK=4mA 140 400 mV Output Leakage Current ILEAK VIN(+)=1V, VIN(-)=0V VOUT(P)= 5V 0.1 nA VOUT(P)=30V 1.0 μA Differential Input Voltage VIN(DIFF) 36 V |