| データシートサーチシステム |
|
LM358G-P08-R データシート(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LM358G-P08-R データシート(HTML) 4 Page - Unisonic Technologies |
|
4 / 7 page ![]() LM358 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 4 of 7 www.unisonic.com.tw QW-R105-001,O ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC ±16 or 32 V Differential Input Voltage VI(DIFF) ±32 V Input Voltage VI -0.3 ~ +32 V Output Short to Ground Continuous Power Dissipation SIP-9 PD 750 mW DIP-8 625 SOP-8 440 TSSOP-8 360 MSOP-8 300 Junction Temperature TJ +125 °C Operating Temperature TOPR -40 ~ +85 °C Storage Temperature TSTG -65 ~ +150 °C Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (VCC=5.0V, VEE=GND, TA=25℃, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Input Offset Voltage VI(OFF) VCM=0V toVCC-1.5V VO(P)=1.4V, RS=0Ω 2.0 5.0 mV Input Common Mode Voltage VI(CM) VCC=30V 0 VCC-1.5 V Differential Input Voltage VI(DIFF) VCC V Output Voltage Swing VOH VCC=30V, RL=2KΩ 26 V VCC=30V, RL=10KΩ 27 28 V VOL VCC=5V, RL≧10KΩ 5 20 mV Large Signal Voltage Gain GV VCC=15V, RL≧2KΩ VO(P)=1V ~ 11V 25 100 V/mV Power Supply Current ICC RL=∝, VCC=30V 0.8 2.0 mA RL=∝, Full Temperature Range 0.5 1.2 mA Input Offset Current II(OFF) 5 50 nA Input Bias Current II(BIAS) 45 250 nA Short Circuit Current to Ground ISC 40 60 mA Output Current ISOURCE VI(+)=1V, VI(-)=0V VCC=15V, VO(P)=2V 10 30 mA ISINK VI(+)=0V, VI(-)=1V VCC=15V, VO(P)=2V 10 15 mA VI(+)=0V, VI(-)=1V VCC=15V, VO(P)=200mV 12 100 μA Common Mode Rejection Ratio CMRR 65 80 dB Power Supply Rejection Ratio PSRR 65 100 dB Channel Separation CS f=1KHZ ~ 20KHZ 120 dB |