| データシートサーチシステム |
|
LR1107G-XX-AB3-D-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR1107G-XX-AB3-D-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 6 page ![]() LR1107/E CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 6 www.unisonic.com.tw QW-R102-033.H MARKING INFORMATION PACKAGE VOLTAGE CODE MARKING SOT-223 15 :1.5V 18:1.8V 25:2.5V 28:2.8V 2J:2.85V 33:3.3V LR1107 XX Date Code Voltage Code L: Lead Free G: Halogen Free 12 3 Pin Code SOT-23 ESXX Voltage Code L: Lead Free G: Halogen Free 3 21 SOT-25 3 2 1 ESXX□ 5 4 Voltage Code L: Lead Free G: Halogen Free SOT-89 XX LR1107 Date Code Voltage Code L: Lead Free G: Halogen Free 12 3 Pin Code PIN CONFIGURATION GND VOUT VIN ERROR SD 1 23 4 5 GND VOUT VIN SET/ADJ SD 1 23 4 5 SOT-25 (for LR1107E) SOT-25 (for LR1107) SOT-23 PIN DESCRIPTION PIN NAME I/O DESCRIPTION VIN Input supply GND Ground SD I Shutdown LR1107/E enable; when the SD pin connects to GND will shutdown the LR1107/E ; At normal operation, SD must be tied to VDD through a 10KΩ pull up resistor. ERROR (for LR1107E) O Error flag, active low; when the output dropout of regulation due to low input voltage, the LR1107E produces a logic low signal at the ERROR pin. SET/ADJ (for LR1107) O Voltage-Setting Input. Connect an external resistive voltage-divider from VOUT to this pin to set the output voltage. VOUT O Output voltage |