| データシートサーチシステム |
|
LR6401XL-AG6-R データシート(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR6401XL-AG6-R データシート(HTML) 4 Page - Unisonic Technologies |
|
4 / 8 page ![]() LR6401 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 4 of 8 www.unisonic.com.tw QW-R502-332.I ABSOLUTE MAXIMUM RATING PARAMETER SYMBOL RATINGS UNIT Input Voltage VIN 7.0 V EN Pin Voltage VEN VSS-0.3~VIN+0.3 V Output Voltage VOUT VSS-0.3~VIN+0.3 V Output Current IOUT1+IOUT2 700 mA Power Dissipation SOT-26 PD 400 mW VSON-6 1000 Junction Temperature TJ 150 °C Operating Temperature TOPR -40~+85 °C Storage Temperature TSTG -55~+125 °C Note:Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient SOT-26 θJA 250 °C/W VSON-6 100 ELECTRICAL CHARACTERISTICS (Ta = 25°C, unless otherwise specified.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Input Voltage VIN 2.5 6.0 V Output Voltage VOUT VIN=VOUT+1.0V, IOUT=30mA VOUT ×0.98 VOUT VOUT ×1.02 V Line Regulation OUT IN OUT V × V Δ V Δ VOUT+1.0V≤VIN≤6.0V IOUT=1mA 0.02 0.1 %/V Load Regulation ΔVOUT VIN=VOUT+1.0V, 1mA ≤ IOUT ≤ 150mA 13 60 mV VIN=VOUT+1.0V, 1mA ≤ IOUT ≤300mA 30 90 mV Output Current IOUT VOUT+1.0V≤VIN≤6V (Note 1) 300 mA Supply Current ISS VIN=VEN=VOUT+1.0V, IOUT=0mA 60 90 μA Standby Current ISTN-BY VIN=VOUT+1.0V, VEN=VSS 0.1 1 μA Current Limite ILIMIT VIN=VOUT+1.0V, VIN=VEN 450 mA Short-Circuit Current ISC VIN=VOUT+1.0V, VIN=VEN 150 mA Dropout Voltage VD IOUT=100mA 150 250 mV IOUT=300mA 450 750 mV EN Pin Input Voltage High VIH (Note 2) 1.2 V Low VIL (Note 2) 0.4 V Temperature Coefficient of Output Voltage TCVO IOUT=30mA, -25°C≤TOPR≤+85°C ±100 ppm/°C Over Temperature Shutdown OTS 150 °C Over Temperature Hysteresis OTH 40 °C Power Supply Rejection Rate PSRR IOUT=30mA, F=100Hz 65 dB Notes: 1. Measured using a double sided board with 1” x 2” square inches of copper area connected to the GND pins for “heat spreading”. 2. EN pin input voltage must be always less than or equal to input voltage. |