| データシートサーチシステム |
|
PUMX1-AL6-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
PUMX1-AL6-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 2 page ![]() PUMX1 DUAL TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 2 of 2 www.unisonic.com.tw QW-R218-002.B ABSOLUTE MAXIMUM RATINGS (Ta=25°С) PARAMETER SYMBOL RATINGS UNIT Collector-Base Voltage VCBO 50 V Collector-Emitter Voltage VCEO 40 V Emitter-Base Voltage VEBO 5 V Collector Current (DC) IC 100 mA Peak Collector Current ICM 200 mA Peak Base Current IBM 200 mA Collector Power Dissipation PC 300 mW Junction Temperature TJ 150 °С Storage Temperature TSTG -65~+150 °С Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (Ta=25°С, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Collector-Emitter Saturation Voltage (Note) VCE(SAT) IC=50mA, IB=5mA 200 mV Collector Cutoff Current ICBO IE=0, VCB=30V 100 nA Emitter Cutoff Current IEBO VEB=4V, IC=0 100 nA DC Current Transfer Ratio hFE IC=1mA, VCE=6V 120 Transition Frequency fT IC=2mA, VCE=12V, f=100MHz 100 MHz Collector capacitance CC IE=IE=0, VCB=12V, f=1MHz 1.5 pF Note: Pulse test: tp≦300μs, δ≦0.02 UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. |