| データシートサーチシステム |
|
A4533-R10-T データシート(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
A4533-R10-T データシート(HTML) 4 Page - Unisonic Technologies |
|
4 / 4 page ![]() A4533 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 4 of 4 www.unisonic.com.tw QW-R107-044.A TEST CIRCUIT 5 4 3 2 1 6 7 8 9 10 A ICC 220μF VCC VR RIPPLE DC RL 16Ω 4.7Ω 0.1μF VCC OUT 2 POWER GND OUT 1 MUTE PS IN 1 PRE GND IN 2 REF 220μF RL 16Ω 0.1μF 4.7Ω MUTE PS UTC A4533 Rg 1kΩ Rg 1kΩ SG 2 1 1 2 2 1 3 4 I1 V1 2 3 4 1 V10 I10 22μF 4.7μF TYPICAL APPLICATON CIRCUIT 5 4 3 2 1 6 7 8 9 10 220μ VCC - RL 16Ω 4.7Ω 0.1μF VCC OUT 2 POWER GND OUT 1 MUTE PS IN 1 PRE GND IN 2 REF 220μF RL 16Ω 0.1μF 4.7Ω MUTE PS UTC A4533 22μF SG 1 ON 1 OFF OFF ON VR VR SG 2 + 4.7μF UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. |