| データシートサーチシステム |
|
BAT54CG-AE3-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BAT54CG-AE3-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD BAT54C DIODE www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R601-048.A SCHOTTKY BARRIER (DUAL) DIODES DESCRIPTION Planar Schottky barrier diodes are encapsulated in the SOT-23 small plastic SMD package. Single diodes and dual diodes with different pin configuration are available. FEATURES * Low forward voltage * Guard ring protected * Small plastic SMD package SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 BAT54CL-AE3-R BAT54CG-AE3-R SOT-23 A1 A2 K2K1 Tape Reel Note: Pin Assignment: A: Anode K: Cathode MARKING E43 L: Lead Free G: Halogen Free |
同様の部品番号 - BAT54CG-AE3-R |
|
同様の説明 - BAT54CG-AE3-R |