| データシートサーチシステム |
|
UC3842GL-S08-R データシート(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UC3842GL-S08-R データシート(HTML) 6 Page - Unisonic Technologies |
|
6 / 8 page ![]() UC3842G LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 6 of 8 www.unisonic.com.tw QW-R103-036.C OPEN-LOOP TEST CIRCUIT High peak current associated with capacity loads necessitate careful grounding techniques. Timing and bypass capacitors should be connected close to pin5 in single point GND. UNDER-VOLTAGE LOCKOUT During Under-Voltage Lockout, the output driver is biased to a high impedance state. Pin 6 should be shunt to GND with a bleeder resistor to prevent activing the power switch with output leakage currents. ERROR AMPLIFIER CONFIGURATION Error amplifier can source or sink up to 0.5mA |