| データシートサーチシステム |
|
US2075CG-S08-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
US2075CG-S08-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 10 page ![]() US2075C Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 10 www.unisonic.com.tw QW-R502-255,b PIN CONFIGURATION UTC US2075C CTL1 CTL2 GND FLAG2 FLAG1 OUT2 OUT1 IN 1 2 3 4 8 7 6 5 PIN DESCRIPTION PIN NO PIN NAME DESCRIPTION 1 CTL1 Switch1Control Input: Logic-compatible, active-high. TTL input 2 FLAG1 Fault Detection Flag 1 (OUTPUT): Active-low. N-ch open-drain. Indicates over-current, thermal shutdown, or UVLO conditions 3 FLAG2 Fault Detection Flag 2 (OUTPUT): Active-low. N-ch open-drain. Indicates over-current, thermal shutdown, or UVLO conditions 4 CTL2 Switch2 Control Input: Logic-compatible, active-high. TTL input 5 OUT2 Switch2 Output: Drain of MOSFET for output. Usually, connected to Load 6 GND Ground 7 IN Power Input: Source of MOSFET for output. Power supply to Internal circuit 8 OUT1 Switch1 Output: Drain of MOSFET for output. Usually, connected to Load TRUTH TABLE (H: High, L: Low, ON: Turn on, OFF: Turn off, X: H or L) CTL1 (IN) FLAG1 (OUT) OUT1 (OUT) CTL2 (IN) FLAG2 (OUT) OUT2 (OUT) Operation Mode H H ON H H ON Normal Operation H H ON L H OFF Only OUT1 is ON. L H OFF H H ON Only OUT2 is ON. L H OFF L H OFF Standby Mode H L ON H H ON Over current Detection Only for OUT1 H H ON H L ON Over current Detection Only for OUT2 X L OFF X L OFF Thermal Shutdown Circuit Operation X L OFF X L OFF Under voltage Lockout Circuit Operation |