データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

US2076BG-S08-R データシート(PDF) 7 Page - Unisonic Technologies

部品番号 US2076BG-S08-R
部品情報  DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2076BG-S08-R データシート(HTML) 7 Page - Unisonic Technologies

  US2076BG-S08-R Datasheet HTML 1Page - Unisonic Technologies US2076BG-S08-R Datasheet HTML 2Page - Unisonic Technologies US2076BG-S08-R Datasheet HTML 3Page - Unisonic Technologies US2076BG-S08-R Datasheet HTML 4Page - Unisonic Technologies US2076BG-S08-R Datasheet HTML 5Page - Unisonic Technologies US2076BG-S08-R Datasheet HTML 6Page - Unisonic Technologies US2076BG-S08-R Datasheet HTML 7Page - Unisonic Technologies US2076BG-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
US2076B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-447.a
APPLICATIONS INFORMATION (Cont.)
In Figure 3, the soft start circuit is shown, and the soft start circuit can be utilized to meet USB transient
regulation specifications with large load capacitances (CBULK >10µF). The device will provide inrush current limiting
for these applications.
USB
Controller
USB
Function
USB
Function
CBULK
CBULK
Cable
GND
USB Hub
VBUS
ENA
ENB
FLGA
FLGB
GND
OUTA
OUTB
IN
1
2
3
4
8
7
6
5
USB Peripheral
Figure 3. Inrush Current-Limit Application
US2076B
4.7
µF
If an inrush current which is from the connection of a heavy capacitive load, the inrush current may cause the
fault flag to fall for a short duration, while the switch is in a constant-current mode, or charging the capacitance. In
that case, to protect this circuit from damage due to erroneous overcurrent reporting, the fault flag circuit can be in
series with a simple 1ms RC low-pass filter (see Figure 4)
ENA
ENB
FLGA
FLGB
OUTA
OUTB
GND
IN
1
2
3
4
5
6
7
8
10k
10k
V+
USB Controller
Figure 4. Transient Filter
Transient Overcurrent Filter
UTC
US2076B
0.1µF
OC



Html Pages

1 2 3 4 5 6 7 8