| データシートサーチシステム |
|
UT136FF-5-TF3-R データシート(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT136FF-5-TF3-R データシート(HTML) 5 Page - Unisonic Technologies |
|
5 / 6 page ![]() UT136FF/FG TRIAC UNISONICTECHNOLOGIESCO.,LTD 5 of 6 www.unisonic.com.tw QW-R401-018,D TYPICAL CHARACTERISTICS(Cont.) t tP PD bidirectional unidirectional With Heatsink Compound Without Heatsink Compound 10 1 0.1 0.01 10us 0.1ms 1ms 10ms 0.1s 1s 10s Pulse Width, tP (s) Transient Thermal Impedance vs Pulse Width UT136FF UT136FG Off-State dV/dt Limit 1000 100 10 1 050 100 150 Typical Commutation dV/dt vs Junction Temperature,parameter Commutation dIT/dt. The Triac Should Commutate When the dV/dt is belowthe value on the appropriate curve for pre-commutation dIT/dt Junction Temperature, TJ (°C) dICOM/dt= 5.1A/ms 3.9 3 1.4 1.8 2.3 3 2.5 1.5 2 1 0.5 0 -50 0 50 100 150 Junction Temperature, TJ (°C) Normalised Holding Current IH(TJ)/IH(25°C),vs Junction Temperature TJ max TJ=125°C TJ=25°C VO=1.27V RS=0.091Ohms typ VT/V 1.5 2.5 2 3 0.5 1 0 0 2 4 6 8 10 12 Typical and Maximum On-State Characteristic T2+G+ T2+G- T2-G- T2-G+ 3 2.5 1.5 2 1 0.5 0 -50 0 50 100 150 Normalised Gate Trigger Current IGT(TJ)/IGT(25°C),vs Junction Temperature TJ 3 2.5 1.5 2 1 0.5 0 -50 0 50 100 150 Normalised Latching Current IL(TJ)/IL(25°C),vs Junction Temperature TJ Junction Temperature, TJ (°C) Junction Temperature, TJ (°C) |