| データシートサーチシステム |
|
CM6901XIP データシート(PDF) 5 Page - Champion Microelectronic Corp. |
|
|
|||||||||||||||||||||||||||||
CM6901XIP データシート(HTML) 5 Page - Champion Microelectronic Corp. |
|
5 / 15 page ![]() CM6901 SLS (SRC/LLC+SR) Controller with 1 FM+2 PWMs 2012/05/09 Rev2.0 Champion Microelectronic Corporation Page 5 ELECTRICAL CHARACTERISTICS (VCC=12V, RT=40.2K±1%, CT=1470PF±1%, Freq. = 50 KHz, Duty Cycle=48% , Temp= -40 ~ 125 ℃, unless otherwise specified.) Parameter Symbol Conditions Min. Typ. Max. Unit VREF (pin 16) VREF TA=25℃; Iref=1mA 7.41 7.5 7.59 V Reference Voltage VREF TA=-40℃; Iref=0mA 7.44 7.53 7.62 V VREF TA=125℃; Iref=0mA 7.53 7.67 7.7 V Line Regulation 11.5V < Vcc < 16.5V 10 25 mV Load Regulation 0mA < Iref < 5mA, TA=25℃ 0 10 25 mV VCC (pin 15) VCC Start up voltage Vstart 10.5 10.8 11.1 V VCC Turn off voltage 9.5 10 10.5 V VCC Start up current TA=25℃ 63.5 78.25 93 uA UVLO Hysteresics Hys 0.95 1 1.05 V Operating Current ICC TA=25℃ 1 mA SRDRVB , SRDRV , PRIDRVB , PRIDRV (pin 11,12,13,14) Output Low Voltage Vol Isrdrv=-6mA 0.6 1.2 V Output High Voltage Voh Isrdrv=+6mA 9.6 10.8 V Iout peak source current Iout 0.12 A Iout peak sink current Iout 0.12 A PMOS Rdson Rout TA=25℃ 200 250 Ohm NMOS Rdson Rout TA=25℃ 100 150 Ohm Dead Time between PRIDRV and PRIDRVB TDead TA=25℃ 1 us Rising Edge Delay Between PRIDRV and SRDRV TDelay TA=25℃ 164 205 246 ns Falling Edge Delay Between SRDRV and PRIDRV TDelay TA=25℃ 168 210 252 ns Rise Time on all channels CL=100pF 65 ns Fall Time on all channels CL=100pF 30 ns Duty Cycle Range 0 50 % ILIM (pin 8) Threshold Voltage Vth TA=25℃ 1.45 1.65 1.75 V SS Voltage Hi TA=25℃ 0.95 1 1.05 V SS Voltage Low TA=25℃ 1.31 1.64 1.97 V |