| データシートサーチシステム |
|
UT3409L-AE2-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT3409L-AE2-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT3409 Power MOSFET www.unisonic.com.tw 1 of 4 Copyright © 2010 Unisonic Technologies Co., LTD QW-R502-244.D P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR DESCRIPTION The UTC UT3409 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This device is suitable for use as a load switch or in PWM applications. FEATURES * RDS(ON) <130mΩ @VGS = -10V * RDS(ON) < 200mΩ @VGS = -4.5V * Low capacitance * Low gate charge * Fast switching capability * Avalanche energy specified SYMBOL 2.Gate 1.Source 3.Drain ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing UT3409L-AE2-R UT3409G-AE2-R SOT-23-3 S G D Tape Reel UT3409L-AE3-R UT3409G-AE3-R SOT-23 S G D Tape Reel MARKING 34J L: Lead Free G: Halogen Free |
同様の部品番号 - UT3409L-AE2-R |
|
同様の説明 - UT3409L-AE2-R |