| データシートサーチシステム |
|
DTA124EL-AE3-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTA124EL-AE3-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., DTA124E PNP EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., QW-R206-044,D PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS) FEATURES *Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see the equivalent circuit). *The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. *Only the on / off conditions need to be set for operation, making device design easy. EQUIVALENT CIRCUIT IN OUT OUT IN GND(+) R1 R2 GND(+) ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTA124EL-AE3-R DTA124EG-AE3-R SOT-23 G I O Tape Reel DTA124EL-AL3-R DTA124EG-AL3-R SOT-323 G I O Tape Reel DTA124EL-AN3-R DTA124EG-AN3-R SOT-523 G I O Tape Reel Note: Pin Assignment: G: GND I: IN O: OUT MARKING |
同様の部品番号 - DTA124EL-AE3-R |
|
同様の説明 - DTA124EL-AE3-R |