| データシートサーチシステム |
|
DTC123EG-AL3-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC123EG-AL3-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC123E NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R206-085,D DIGITAL TRANSISTORS (BUILT- IN RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTC123EL-AE3-R DTC123EG-AE3-R SOT-23 G I O Tape Reel DTC123EL-AL3-R DTC123EG-AL3-R SOT-323 G I O Tape Reel DTC123EL-AN3-R DTC123EG-AN3-R SOT-523 G I O Tape Reel DTC123EL-T92-B DTC123EG-T92-B TO-92 G O I Tape Box DTC123EL-T92-K DTC123EG-T92-K TO-92 G O I Bluk MARKING |
同様の部品番号 - DTC123EG-AL3-R |
|
同様の説明 - DTC123EG-AL3-R |