| データシートサーチシステム |
|
X0202AL-AA3-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
X0202AL-AA3-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 5 page ![]() X0202/A SCR UNISONICTECHNOLOGIESCO.,LTD 2 of 5 www.unisonic.com.tw QW-R301-006.C ABSOLUTE MAXIMUM RATINGS (unless otherwise specified) PARAMETERS SYMBOL RATINGS UNIT X0202 600 V Peak Repetitive Forward and Reverse Blocking Voltage (TJ=110℃, RGK=1kΩ) X0202A VDRM, VRRM 800 V RMS On-State Current (Ttab=95℃) 180℃ Conduction Angle IT(RMS) 1.25 A Average On-State Current (Ttab=95℃) 180℃ Conduction Angle IT(AV) 0.8 A Non Repetitive Surge Peak on-State Current (tp=8.3ms TJ=25℃) ITSM 25 A Non Repetitive Surge Peak on-State Current (tp=10ms TJ=25℃) ITSM 22.5 A I 2t Value for Fusing (tp=10ms TJ=25℃) I 2t 2.5 A 2S Critical Rate Of Rise Of On-state Current IG=2*IGT,tr≤100ns, f=60Hz, TJ=125℃ dI/dt 50 A/ μs Peak Gate Current (p=20 μs TJ=125℃) IGM 1.2 A Average Gate Power Dissipation (TJ=125℃) PG(AV) 0.2 W Operating Junction Temperature Range TJ -40 ~ +125 ℃ Storage Junction Temperature Range TSTG -40 ~ +150 ℃ Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT SOT-223 25 ℃ /W Junction to Tab TO-92 θJT 60 ℃ /W SOT-223 60 ℃ /W Junction to Ambient (S=5cm) TO-92 θJA 150 ℃ /W S=Copper surface under tab ELECTRICAL CHARACTERISTICS (TJ=25℃, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT TJ=25℃ 5 μ A Peak Forward or Reverse Blocking Current TJ=125℃ IDRM, IRRM VDRM=VRRM, RGK=1kΩ 500 μ A Peak Forward On-State Voltage VTM ITM= 2.5A, tp=380μs 1.45 V Gate Trigger Current IGT VD=12V, RL=140Ω 200 μ A Gate Trigger Voltage VGT VD=12V, RL=140Ω 0.8 V Gate Non-Trigger Voltage VGD VD=VDRM, RL=3.3kΩ, RGK=1kΩ, (TJ=125℃) 0.1 V Holding Current IH IT=50mA, RGK=1kΩ 5 mA Latch Current IL IG=1mA, RGK=1kΩ 6 mA Critical Rate of Rise of Off-State Voltage dv/dt VD=67%VDRM, RGK=1kΩ, (TJ=110℃) 10 V/ μs Peak Reversed Gate Voltage VRG IRG=10μ A 8 V Threshold Voltage VTO (TJ=125℃) 0.9 V Dynamic Resistance Rd (TJ=125℃) 200 mΩ |