| データシートサーチシステム |
|
IXDI614PI データシート(PDF) 5 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
IXDI614PI データシート(HTML) 5 Page - Clare, Inc. |
|
5 / 14 page ![]() IXD_614 R02 www.clare.com 5 1.6 Electrical Characteristics: TA = - 40°C to +125°C Test Conditions: 4.5V < VCC < 35V. 1.7 Thermal Characteristics Parameter Conditions Symbol Minimum Maximum Units Input Voltage, High 4.5V < VCC < 18V VIH 3.3 - V Input Voltage, Low 4.5V < VCC < 18V VIL -0.65 Input Current 0V < VIN < VCC IIN -±10 A Output Voltage, High - VOH VCC-0.025 - V Output Voltage, Low - VOL - 0.025 Output Resistance, High State VCC=18V, IOUT=-100mA ROH -1.5 Output Resistance, Low State VCC=18V, IOUT=100mA ROL -1.2 Output Current, Continuous Limited by package power dissipation IDC -±1 A Rise Time CLOAD=15nF, VCC=18V tR -50 ns Fall Time CLOAD=15nF, VCC=18V tF -40 On-Time Propagation Delay CLOAD=15nF, VCC=18V tONDELAY -90 Off-Time Propagation Delay CLOAD=15nF, VCC=18V tOFFDELAY -90 Enable to Output-High Delay Time IXDD614 only tENOH -75 Disable to High Impedance State Delay Time IXDD614 only tDOLD -85 Power Supply Current VCC=18V, VIN=3.5V ICC -3 mA VCC=18V, VIN=0V -150 A VCC=18V, VIN=VCC -150 Package Parameter Symbol Rating Units CI (5-Pin TO-220) Thermal Resistance, Junction-to-Ambient JA 36 °C/W PI (8-Pin DIP) 125 SI (8-Pin Power SOIC) 85 YI (5-Pin TO-263) 46 CI (5-Pin TO-220) Thermal Resistance, Junction-to-Case JC 3 °C/W SI (8-Pin Power SOIC) 10 YI (5-Pin TO-263) 2 |