| データシートサーチシステム |
|
CEFC302-G データシート(PDF) 2 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
CEFC302-G データシート(HTML) 2 Page - Comchip Technology |
|
2 / 2 page ![]() QW-BE005 RATING AND CHARACTERISTIC CURVES (CEFC301-G thru CEFC305-G) Percent of Rated Peak Reverse Voltage (%) 140 120 80 60 40 0 Fig.1 Reverse Characteristics 0.01 0.1 1 10 100 Forward Voltage (V) 0 Fig.2 Forward Characteristics 0.001 0.01 0.1 1 10 0.8 Reverse Voltage (V) 0.1 Fig.3 Junction Capacitance 2 100 200 1 10 100 Number of Cycles at 60Hz Fig.4 Non-repetitive Forward Surge Current 0 40 60 100 Comchip Technology CO., LTD. Page 2 REV:A 0.4 1.2 2.0 1.6 10 O TJ=25 C f=1MHz and applied 4VDC reverse voltage 1 10 100 20 80 O TJ=25 C 8.3ms single half sine wave, JEDEC method Fig.5 Test Circuit Diagram and Reverse Recovery Time Characteristics 50Ω NONINDUCTIVE 10Ω NONINDUCTIVE (+) 25Vdc (approx.) (-) D.U.T. 1Ω NON- INDUCTIVE OSCILLLISCOPE (NOTE 1) PULSE GENERATOR (NOTE 2) (+) (-) NOTES: 1. Rise time=7ns max., input impedance=1 MΩ, 22pF. 2. Rise time=10ns max., input impedance=50Ω. trr Set time base for 50 / 10nS / cm 1cm -1.0A -0.25A 0 +0.5A Fig.6 Current Derating Curve O Ambient Temperature ( C) 0 50 25 75 100 150 125 175 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 Single phase Half wave 60Hz SMD Efficient Fast Recovery Rectifiers O TJ=125 C O TJ=75 C O TJ=25 C 20 100 CEFC301-G~303-G CEFC304-G CEFC305-G O TJ=25 C Pulse width 300μS 4% duty cycle |