| データシートサーチシステム |
|
36800-RFX データシート(PDF) 18 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
36800-RFX データシート(HTML) 18 Page - Amphenol Corporation |
|
18 / 30 page ![]() BNC 50 ohm Amphenol ® Caps & Accessories 122 Amphenol Corporation Tel: 800-627-7100 www.amphenolrf.com Description Dimensions, inches (millimeters) Notes Military Amphenol Fig. a b c e Plt. Ins. Number Number 50 Ω P1 D1 — 35650-51* 1 Male Cap & Chain 75 Ω 1.19(30.2) .562(14.3) .144(3.7) 3.50(88.9) P1 D1 — 35650-75* 1 Resistor Terminated, 1% 1/2watt 51 Ω P1 D6 MX-554 4700-51* s 1 Male Cap, Resistor Terminated, 51 Ω 46650-51* 2 1% 1 watt 1.12(28.6) .562(14.3) — — P1 D1 — 50 Ω 46650-51RFX 3 Male Cap, Resistor Terminated, 75 Ω 1.11(28.1) .571(14.5) — — P1 D23 — 46650-75RFX 3 1% 1 watt 93 Ω 46650-93RFX 3 Male Cap & Chain .688(17.5) .563(14.3) .130(3.3) 2.25(57.2) P3 — CW-123/U 31-6* 4 Male Shorting Cap & Chain .688(17.5) .563(14.3) .144(3.7) 2.50(63.5) P1 — CW-159/U 31-17* 5 Male Shorting Cap .594(15.1) .563(14.3) — — P1 — — 5275* 6 Pkg. of 25 Lugs Used Inside Panel on Front Mount .961(24.4) .578(14.7) — — P3 — (IBM 2245373) 31-759* 7 Bulkhead Receptacles to Ground Cable Shield* Pkg. of 25 Lugs Used Inside Panel on Front Mount 1.156(29.4) .578(14.7) — — P8 — — 31-10152-RFX* 8 Bulkhead Receptacles for Ground Wire to Circuit BNC CAPS & ACCESSORIES s IBM 3110787 * recognized under the component program of U.L., Inc. v distributor stocked v v v v v v v Grounding Lug 31-759 Grounding Lug 31-10152-RFX BNC Resistor Term. Male Caps 46650-51RFX 50 Ω 46650-75RFX 75 Ω 46650-93RFX 93 Ω Fig. 3 Fig. 6 Fig. 1 BNC Resistor Term. Male Cap 46650-51 50 Ω BNC Res. Term. Caps & Chains 35650-51 35650-75 4700-51 BNC Male Shorting Cap 5275 BNC Male Shorting Cap and Chain 31-17 BNC Male Cap and Chain 31-6 b a e c b a b a b a .375 Fig. 4 Fig. 5 Fig. 2 Fig. 7 Fig. 8 .390. (9.9) dia. b b a a a b e e c c a b |