データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6657ABBCZRL データシート(PDF) 29 Page - Analog Devices

部品番号 AD6657ABBCZRL
部品情報  Quad IF Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD6657ABBCZRL データシート(HTML) 29 Page - Analog Devices

Back Button AD6657ABBCZRL Datasheet HTML 25Page - Analog Devices AD6657ABBCZRL Datasheet HTML 26Page - Analog Devices AD6657ABBCZRL Datasheet HTML 27Page - Analog Devices AD6657ABBCZRL Datasheet HTML 28Page - Analog Devices AD6657ABBCZRL Datasheet HTML 29Page - Analog Devices AD6657ABBCZRL Datasheet HTML 30Page - Analog Devices AD6657ABBCZRL Datasheet HTML 31Page - Analog Devices AD6657ABBCZRL Datasheet HTML 32Page - Analog Devices AD6657ABBCZRL Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
AD6657A
Rev. 0 | Page 29 of 36
SERIAL PORT INTERFACE (SPI)
The AD6657A serial port interface (SPI) allows the user to con-
figure the receiver for specific functions or operations through a
structured internal register space. The SPI provides added flexibility
and customization, depending on the application. Addresses are
accessed via the serial port and can be written to or read from
via the port. Memory is organized into bytes that can be further
divided into fields, which are documented in the Memory Map
section. For detailed operational information, see the AN-877
Application Note, Interfacing to High Speed ADCs via SPI.
CONFIGURATION USING THE SPI
Three pins define the SPI of the AD6657A: SCLK, SDIO, and
CSB (see Table 12). SCLK (a serial clock) is used to synchronize
the read and write data presented from and to the AD6657A.
SDIO (serial data input/output) is a bidirectional pin that allows
data to be sent to and read from the internal memory map
registers. CSB (chip select bar) is an active low control that
enables or disables the read and write cycles.
Table 12. Serial Port Interface Pins
Pin
Function
SCLK
Serial clock. Serial shift clock input. SCLK is used to
synchronize serial interface reads and writes.
SDIO
Serial data input/output. Bidirectional pin that serves
as an input or an output, depending on the instruction
being sent and the relative position in the timing frame.
CSB
Chip select bar (active low). This control gates the read
and write cycles.
The falling edge of the CSB pin, in conjunction with the rising
edge of the SCLK pin, determines the start of the framing. An
example of the serial timing can be found in Figure 60 (for
symbol definitions, see Table 5).
CSB can be held low indefinitely, which permanently enables
the device; this is called streaming. CSB can stall high between
bytes to allow for additional external timing. When CSB is tied
high, SPI functions are placed in high impedance mode.
During an instruction phase, a 16-bit instruction is transmitted.
The first bit of the first byte in a serial data transfer frame indicates
whether a read command or a write command is issued. Data
follows the instruction phase, and its length is determined by
the W0 and W1 bits. All data is composed of 8-bit words.
The instruction phase determines whether the serial frame is a
read or write operation, allowing the serial port to be used both
to program the chip and to read the contents of the on-chip
memory. If the instruction is a read operation, the serial data
input/output (SDIO) pin changes direction from an input to an
output at the appropriate point in the serial frame.
Data can be sent in MSB first mode or in LSB first mode. MSB
first is the default mode on power-up and can be changed via
the SPI port configuration register. For more information about
this and other features, see the AN-877 Application Note, Inter-
facing to High Speed ADCs via SPI.
HARDWARE INTERFACE
The pins described in Table 12 constitute the physical interface
between the user’s programming device and the serial port of
the AD6657A. The SCLK pin and the CSB pin function as
inputs when using the SPI interface. The SDIO pin is
bidirectional, functioning as an input during the write phase
and as an output during readback.
The SPI interface is flexible enough to be controlled by either
FPGAs or microcontrollers. One method for SPI configuration
is described in detail in Application Note AN-812, Micro-
controller-Based Serial Port Interface (SPI) Boot Circuit.
The SPI port should not be active during periods when the full
dynamic performance of the AD6657A is required. Because the
SCLK signal, the CSB signal, and the SDIO signal are typically
asynchronous to the ADC clock, noise from these signals can
degrade AD6657A performance. If the on-board SPI bus is used
for other devices, it may be necessary to provide buffers between
this bus and the AD6657A to prevent these signals from transi-
tioning at the receiver inputs during critical sampling periods.
Figure 60. Serial Port Interface Timing Diagram
DON’T CARE
DON’T CARE
DON’T
CARE
DON’T
CARE
SDIO
SCLK
CSB
tS
tDH
tCLK
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
tLOW
tHIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36