データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8421BRZ-R7 データシート(PDF) 8 Page - Analog Devices

部品番号 AD8421BRZ-R7
部品情報  3 nV/?숰z, Low Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8421BRZ-R7 データシート(HTML) 8 Page - Analog Devices

Back Button AD8421BRZ-R7 Datasheet HTML 4Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 5Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 6Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 7Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 8Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 9Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 10Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 11Page - Analog Devices AD8421BRZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8421
Data Sheet
Rev. 0 | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Output Short-Circuit Current Duration
Indefinite
Maximum Voltage at −IN or +IN1
−VS + 40 V
Minimum Voltage at −IN or +IN
+VS − 40 V
Maximum Voltage at REF2
+VS + 0.3 V
Minimum Voltage at REF
−VS − 0.3 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Maximum Junction Temperature
150°C
ESD
Human Body Model
2 kV
Charged Device Model
1.25 kV
Machine Model
0.2 kV
1 For voltages beyond these limits, use input protection resistors. See the
Theory of Operation section for more information.
2 There are ESD protection diodes from the reference input to each supply, so
REF cannot be driven beyond the supplies in the same way that +IN and −IN
can. See the Reference Terminal section for more information.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for a device in free air using a 4-layer JEDEC
printed circuit board (PCB).
Table 4.
Package
θJA
Unit
8-Lead SOIC
107.8
°C/W
8-Lead MSOP
138.6
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28