データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8436JCPZ-R7 データシート(PDF) 18 Page - Analog Devices

部品番号 AD8436JCPZ-R7
部品情報  Low Cost, Low Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8436JCPZ-R7 データシート(HTML) 18 Page - Analog Devices

Back Button AD8436JCPZ-R7 Datasheet HTML 12Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 13Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 14Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 15Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 16Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 17Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 18Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 19Page - Analog Devices AD8436JCPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8436
Rev. 0 | Page 18 of 20
OUTLINE DIMENSIONS
0.50
BSC
0.50
0.40
0.30
0.30
0.25
0.20
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD.
BOTTOM VIEW
TOP VIEW
EXPOSED
PAD
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
2.65
2.50 SQ
2.35
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
1
20
6
10
11
15
16
5
Figure 47. 20-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
(CP-20-10)
Dimensions shown in inches
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8436ACPZ-R7
−40°C to +125°C
20-Lead Lead Frame Chip Scale [LFCSP_WQ]
CP-20-10
AD8436ACPZ-RL
−40°C to +125°C
20-Lead Lead Frame Chip Scale [LFCSP_WQ]
CP-20-10
AD8436ACPZ-WP
−40°C to +125°C
20-Lead Lead Frame Chip Scale [LFCSP_WQ]
CP-20-10
AD8436JCPZ-R7
0°C to +70°C
20-Lead Lead Frame Chip Scale [LFCSP_WQ]
CP-20-10
AD8436JCPZ-RL
0°C to +70°C
20-Lead Lead Frame Chip Scale [LFCSP_WQ]
CP-20-10
AD8436JCPZ-WP
0°C to +70°C
20-Lead Lead Frame Chip Scale [LFCSP_WQ]
CP-20-10
AD8436-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20