データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9557/PCBZ データシート(PDF) 43 Page - Analog Devices

部品番号 AD9557/PCBZ
部品情報  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9557/PCBZ データシート(HTML) 43 Page - Analog Devices

Back Button AD9557/PCBZ Datasheet HTML 39Page - Analog Devices AD9557/PCBZ Datasheet HTML 40Page - Analog Devices AD9557/PCBZ Datasheet HTML 41Page - Analog Devices AD9557/PCBZ Datasheet HTML 42Page - Analog Devices AD9557/PCBZ Datasheet HTML 43Page - Analog Devices AD9557/PCBZ Datasheet HTML 44Page - Analog Devices AD9557/PCBZ Datasheet HTML 45Page - Analog Devices AD9557/PCBZ Datasheet HTML 46Page - Analog Devices AD9557/PCBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 43 of 92
The following changes write Register 0x0200 first and then
issue an I/O update before writing the remaining M pin
configuration registers in Register 0x0201 to Register 0x0208.
The default EEPROM loading sequence from Register 0x0E10
to Register 0x0E16 is unchanged. The following steps must
be inserted into the EEPROM storage sequence:
1.
R0x0E17 = 0x00 # Write one byte
2.
R0x0E18 = 0x02 # at Register 0x0200
3.
R0x0E19 = 0x00 #
4.
R0x0E1A = 0x80 # Op code for I/O
Update R0x0E1B = 0x10 # Transfer 17 instead of
18 bytes
5.
R0x0E1C = 0x02 # Transfer starts at Register address
6.
R0x0E1D = 0x01 # 0x0201 instead of 0x0200
The rest of the EEPROM loading sequence is the same as the
default EEPROM loading sequence, except that the register
address of the EEPROM storage sequence is shifted down four
bytes from the default. For example,
•
R0x0E1E = default value of Register 0x0E1A = 0x2E
•
R0x0E1F = default value of Register 0x0E1B = 0x03
•
R0x0E20 = default value of Register 0x0E1C = 0x00
•
…
•
R0x0E40 = default value of Register 0x0E1C = 0x3C = 0xFF
•
(end of data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92