| データシートサーチシステム |
|
031-218-RFX データシート(PDF) 13 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
031-218-RFX データシート(HTML) 13 Page - Amphenol Corporation |
|
13 / 16 page ![]() 117 Amphenol® RF: 800-627-7100 75Ω Receptacles Bulkhead Solder Cup Jacks Plating Part Number Body Contact Terminal Type Type Grade 031-10-75 Nickel Gold Solder Cup 2 Commercial 031-221-75RFX Nickel Gold Solder Cup 2 Commercial 031-70018 Gold Nickel Solder Cup 1 Industrial 031-71004 Nickel Gold Solder Cup 2 Commercial 75Ω Printed Circuit Board Connectors Straight Jacks Plating Part Number Body Contact Mounting Style Type Grade 031-71045-1010 Nickel Gold Compliant Pin 2 Industrial 031-71058 Nickel Gold Blunt Post 2 Industrial 031-71062 Nickel Gold Thru-Hole (Blunt Post) 2 Industrial 031-6009 Nickel Gold Edge 2 Industrial 031-70040-100T Nickel Gold Blunt Post 1 Industrial Angle Jacks Plating Part Number Body Contact Mounting Style Type Grade 031-71043 Nickel Gold Blunt Post 2 Industrial 031-71043-1010 Nickel Gold Compliant Pin 2 Industrial 031-71052 Nickel Gold Blunt Post 2 Industrial 031-71052-10RFX Nickel Nickel Compliant Pin, Blunt Post 2 Commercial 031-71053 Nickel Gold Blunt Post 2 Industrial 031-71053-1010 Nickel Gold Compliant Pin 2 Industrial BNC BNC Bulkhead Crimp-Crimp Jacks Plating Cable Group Part Number Body Contact Type Grade B1 031-71016-RFX Nickel Gold 2 Commercial E 031-71011-RFX Nickel Gold 2 Commercial |