データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADIS16480/PCBZ データシート(PDF) 18 Page - Analog Devices

部品番号 ADIS16480/PCBZ
部品情報  Ten Degrees of Freedom Inertial Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADIS16480/PCBZ データシート(HTML) 18 Page - Analog Devices

Back Button ADIS16480/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16480/PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
ADIS16480
Data Sheet
Rev. 0 | Page 18 of 40
The MSB in x_DELTANG_LOW has a weight of ~0.011°
(720°/216), and each subsequent bit carries a weight of ½
of the previous one.
Table 28. X_DELTANG_LOW (Page 0, Base Address = 0x40)
Bits
Description
[15:0]
X-axis delta angle data; additional resolution bits
Table 29. Y_DELTANG_LOW (Page 0, Base Address = 0x44)
Bits
Description
[15:0]
Y-axis delta angle data; additional resolution bits
Table 30. Z_DELTANG_LOW (Page 0, Base Address = 0x48)
Bits
Description
[15:0]
Z-axis delta angle data; additional resolution bits
DELTA VELOCITY
The delta velocity outputs represent an integration of the
accelerometer measurements and use the following formula
for all three axes (x-axis displayed):
(
)
S
S
n
x
n
x
S
x
f
RATE
DEC
t
a
a
t
1
_
;
2
,
1
,
+
=
∆
+
×
∆
=
∆
+
θ
where:
ax is the accelerometer, x-axis.
ΔtS is the time between samples.
When using the internal sample clock, fS is equal to 2.46 kHz.
When using the external clock option, the time between samples
is the time between active edges on the input clock signal, as
measured by the internal clock (252 MHz). See Table 67 for
more information on the DEC_RATE register. The registers
that use the x_DELTVEL_OUT format are the primary registers
for the delta velocity calculations. When processing data from
these registers, use a 16-bit, twos complement data format (see
Table 31, Table 32, and Table 33). Table 34 provides
x_DELTVEL_OUT digital coding examples.
Table 31. X_DELTVEL_OUT (Page 0, Base Address = 0x4E)
Bits
Description
[15:0]
X-axis delta velocity data; twos complement,
±200 m/sec range, 0 m/sec = 0x0000
1 LSB = 200 m/sec ÷ (215 – 1) = ~6.104 mm/sec
Table 32. Y_DELTVEL_OUT (Page 0, Base Address = 0x52)
Bits
Description
[15:0]
Y-axis delta velocity data; twos complement,
±200 m/sec range, 0 m/sec = 0x0000
1 LSB = 200 m/sec ÷ (215 − 1) = ~6.104 mm/sec
Table 33. Z_DELTVEL_OUT (Page 0, Base Address = 0x56)
Bits
Description
[15:0]
Z-axis delta velocity data; twos complement,
±200 m/sec range, 0 m/sec = 0x0000
1 LSB = 200 m/sec ÷ (215 − 1) = ~6.104 mm/sec
Table 34. x_DELTVEL_OUT, Data Format Examples
Velocity (m/sec)
Decimal
Hex
Binary
+160 × (215 − 1)/215
+32,767
0x7FFF
0111 1111 1111 1111
+400/215
+2
0x0002
0000 0000 0000 0010
+200/215
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−200/215
−1
0xFFFF
1111 1111 1111 1111
−400/215
−2
0xFFFE
1111 1111 1111 1110
−160
−32,768
0x8000
1000 0000 0000 0000
The MSB in x_DELTVEL_LOW has a weight of ~3.052 mm/sec
(200 m/sec ÷ 216), and each subsequent bit carries a weight of ½
of the previous one.
Table 35. X_DELTVEL_LOW (Page 0, Base Address = 0x4C)
Bits
Description
[15:0]
X-axis delta velocity data; additional resolution bits
Table 36. Y_DELTVEL_LOW (Page 0, Base Address = 0x50)
Bits
Description
[15:0]
Y-axis delta velocity data; additional resolution bits
Table 37. Z_DELTVEL_LOW (Page 0, Base Address = 0x54)
Bits
Description
[15:0]
Z-axis delta velocity data; additional resolution bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40