| データシートサーチシステム |
|
ADL5202ACPZ-R7 データシート(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADL5202ACPZ-R7 データシート(HTML) 22 Page - Analog Devices |
|
22 / 32 page ![]() ADL5202 Data Sheet Rev. 0 | Page 22 of 32 EVALUATION BOARD The ADL5202 evaluation board is available with software to program the variable gain control. It is a 4-layer board with a split ground plane for analog and digital sections. Special care is taken to place the power decoupling capacitors close to the device pins. The board is designed for easy single-ended (through a Mini-Circuits TC3-1T+ RF transformer) or differential configuration for each channel. EVALUATION BOARD CONTROL SOFTWARE The ADL5202 evaluation board is configured with a USB- friendly interface to program the gain of the ADL5202. The software graphic user interface (see Figure 60) lets users select a particular gain mode and gain level to write to the device and also to read back data from the SDIO pin, showing the currently programmed gain setting. The software setup files can be downloaded from the ADL5202 product page at www.analog.com. Figure 60. Evaluation Control Software |