| データシートサーチシステム |
|
ADL5336ACPZ-R7 データシート(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADL5336ACPZ-R7 データシート(HTML) 5 Page - Analog Devices |
|
5 / 32 page ![]() Data Sheet ADL5336 Rev. B | Page 5 of 32 TIMING DIAGRAMS Figure 2. Write Mode Timing Diagram Figure 3. Read Mode Timing Diagram WRITE BIT LSB + 1 LSB tDH tDS tLH tLS tPW tCLK NOTES 1. THE FIRST DATA BIT DETERMINES WHETHER THE PART IS WRITING TO OR READING FROM THE INTERNAL 8-BIT REGISTER. FOR A WRITE OPERATION, THE FIRST BIT SHOULD BE A LOGIC 1. THE 8-BIT WORD IS THEN REGISTERED INTO THE DATA PIN ON CONSECUTIVE RISING EDGES OF THE CLOCK. CLK LE DATA LSB + 2 MSB – 1 MSB LSB + 3 MSB – 3 MSB – 2 tLH tDH tDS tLS tPW tCLK DC DC READ BIT DC DC DC DC DC LSB + 1 LSB CLK LE DATA SDO tD NOTES 1. THE FIRST DATA BIT DETERMINES WHETHER THE PART IS WRITING TO OR READING FROM THE INTERNAL 8-BIT REGISTER. FOR A READ OPERATION, THE FIRST BIT SHOULD BE A LOGIC 0. THE 8-BIT WORD IS THEN UPDATED AT THE SDO PIN ON CONSECUTIVE FALLING EDGES OF THE CLOCK. LSB + 2 LSB + 3 MSB – 3 MSB – 2 MSB – 1 MSB DC DC |