データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADL5367 データシート(PDF) 3 Page - Analog Devices

部品番号 ADL5367
部品情報  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADL5367 データシート(HTML) 3 Page - Analog Devices

  ADL5367 Datasheet HTML 1Page - Analog Devices ADL5367 Datasheet HTML 2Page - Analog Devices ADL5367 Datasheet HTML 3Page - Analog Devices ADL5367 Datasheet HTML 4Page - Analog Devices ADL5367 Datasheet HTML 5Page - Analog Devices ADL5367 Datasheet HTML 6Page - Analog Devices ADL5367 Datasheet HTML 7Page - Analog Devices ADL5367 Datasheet HTML 8Page - Analog Devices ADL5367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADL5363
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VS = 5 V, IS = 100 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2738 MHz, LO power = 0 dBm, ZO = 50 Ω, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF INPUT INTERFACE
Return Loss
Tunable to >20 dB over a limited bandwidth
16
dB
Input Impedance
50
Ω
RF Frequency Range
2300
2900
MHz
OUTPUT INTERFACE
Output Impedance
Differential impedance, f = 200 MHz
33||-0.3
Ω||pF
IF Frequency Range
dc
450
MHz
DC Bias Voltage1
Externally generated
3.3
5.0
5.5
V
LO INTERFACE
LO Power
−6
0
+10
dBm
Return Loss
15
dB
Input Impedance
50
Ω
LO Frequency Range
2330
3350
MHz
POWER-DOWN (PWDN) INTERFACE2
PWDN Threshold
1.0
V
Logic 0 Level
0.4
V
Logic 1 Level
1.4
V
PWDN Response Time
Device enabled, IF output to 90% of its final level
160
ns
Device disabled, supply current <5 mA
220
ns
PWDN Input Bias Current
Device enabled
0.0
μA
Device disabled
70
μA
1 Apply the supply voltage from the external circuit through the choke inductors.
2 The PWDN function is intended for use with VS ≤ 3.6 V only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com