| データシートサーチシステム |
|
ADP1047ARQZ-R7 データシート(PDF) 65 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1047ARQZ-R7 データシート(HTML) 65 Page - Analog Devices |
|
65 / 84 page ![]() Data Sheet ADP1047/ADP1048 Rev. 0 | Page 65 of 84 SWITCHING FREQUENCY SETTING REGISTER Table 89. Register 0xFE1B—Switching Frequency Setting Bits Bit Name R/W Description [7:6] RSVD R Reserved. [5:0] Switching frequency R/W This register sets the switching frequency of the PWM outputs. Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Frequency (kHz) 0 0 0 0 0 0 30.05 0 0 0 0 0 1 32.55 0 0 0 0 1 0 35.51 0 0 0 0 1 1 39.06 0 0 0 1 0 0 43.40 0 0 0 1 0 1 48.83 0 0 0 1 1 0 52.06 0 0 0 1 1 1 55.80 0 0 1 0 0 0 60.10 0 0 1 0 0 1 65.10 0 0 1 0 1 0 71.02 0 0 1 0 1 1 78.13 0 0 1 1 0 0 86.81 0 0 1 1 0 1 97.66 0 0 1 1 1 0 100.81 0 0 1 1 1 1 104.17 0 1 0 0 0 0 107.76 0 1 0 0 0 1 111.61 0 1 0 0 1 0 115.74 0 1 0 0 1 1 120.19 0 1 0 1 0 0 125.00 0 1 0 1 0 1 130.21 0 1 0 1 1 0 135.87 0 1 0 1 1 1 142.05 0 1 1 0 0 0 148.81 0 1 1 0 0 1 156.25 0 1 1 0 1 0 164.47 0 1 1 0 1 1 173.61 0 1 1 1 0 0 183.82 0 1 1 1 0 1 195.31 0 1 1 1 1 0 198.41 0 1 1 1 1 1 201.61 1 0 0 0 0 0 204.92 1 0 0 0 0 1 208.33 1 0 0 0 1 0 211.86 1 0 0 0 1 1 215.52 1 0 0 1 0 0 219.30 1 0 0 1 0 1 223.21 1 0 0 1 1 0 227.27 1 0 0 1 1 1 231.48 1 0 1 0 0 0 235.85 1 0 1 0 0 1 240.38 1 0 1 0 1 0 245.10 1 0 1 0 1 1 250.00 1 0 1 1 0 0 255.10 1 0 1 1 0 1 260.42 1 0 1 1 1 0 265.96 |