データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DF1502ST-G データシート(PDF) 2 Page - Comchip Technology

部品番号 DF1502ST-G
部品情報  SMD Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF1502ST-G データシート(HTML) 2 Page - Comchip Technology

  DF1502ST-G Datasheet HTML 1Page - Comchip Technology DF1502ST-G Datasheet HTML 2Page - Comchip Technology DF1502ST-G Datasheet HTML 3Page - Comchip Technology DF1502ST-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Glass Passivated Bridge Rectifiers
Page 2
REV: D
Rating and Characteristics Curves (DF15005S-G Thru. DF1510S-G)
QW-BBR49
1
10
100
Number of Cycle at 60Hz
0
50
100
150
0.00
0.75
1.25
1.50
Ambient Temperature, (°C)
Fig.3 - Typical Junction Capacitance
0.1
1
10
100
1.0
10
100
Reverse Voltage, (V)
0.50
1.00
Fig.4 - Typical Forward Characteristics
0
0.4
0.8 1.0
1.4
0.01
Instantaneous Forward Voltage, (V)
0.1
1.0
10
0
20
40
60
10
30
50
1.2
0.6
0.2
Fig.5 - Typical Reverse Characteristics
20
40
60
80
0.01
1.0
100
Percent of Rated Peak Reverse Voltage, (%)
1.8
1.6
100
120
140
0
0.1
10
TJ=25°C
f=1MHZ
TJ=125°C
TJ=25°C
Comchip Technology CO., LTD.
20
Fig.1 - Forward Current Derrent Curve
F
Maximum Non-Repetitive Peak
ig.2 -
Forward Surge Current
0.25
Single Half -Sine-Wave
(JEDEC METHOD)
2
5
50
Mounted On PC Board, Single
Phase Half Wave, 60Hz,
Resistive Or Inductive Load
TJ=25°C
Pulse width: 300μS
2% duty cycle



Html Pages

1 2 3 4