データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM8606CIFP データシート(PDF) 2 Page - Davicom Semiconductor, Inc.

部品番号 DM8606CIFP
部品情報  6-Port Fast Ethernet Single Chip Switch Controller with MII/RMII/Reverse MII Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DAVICOM [Davicom Semiconductor, Inc.]
ホームページ  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM8606CIFP データシート(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM8606CIFP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM8606CIFP Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
•
  Per port support bandwidth, ingress and egress rate control
•
  Per port support priority transmit queues for QoS:
•
  Each port have four queues with strict or weight ratio priority
•
  IEEE 802.1p VLAN, Port based, MAC based, IPv4 TOS, Special Tag
•
  Per port support broadcast storming filter function for broadcast, multicast –
and unknown unicast packets
•
  Flow Control:
•
  Supports IEEE 802.3x Flow Control in full-duplex mode
•
  Supports Back Pressure Flow Control in half-duplex mode
•
  Support VLAN ID tag/untag options
•
  Support special Tag to communication with CPU
•
  Record up to 2K Uni/Multi-cast MAC addresses
•
  IEEE 802.1Q VLAN up-to 16 VLAN groups
•
  Full 12-bit VID, 4-bit FID, Tag/untag,
•
  Support SVL/IVL
•
  Support hardware IGMP snooping v1/v2 and MLD v1
•
  Support STP/RSTP
•
  Support automatic aging scheme
•
  Support trunk ports
•
  Support EEPROM interface for power up configurations
•
  Supports industrial-temperature (-40℃ ~ +85℃)
•
  Support serial data management interface and MIB counter for diagnostic
•
  128 QFP package with 0.18um process, 1.8V internal core, 3.3V I/O with 5V tolerance
Application
•
SOHO 5-port switch.
•
5-port switch + Router with MII CPU interface.
Ordering Information
Part Number
Pin Count
Package
DM8606CFP
DM8606CIFP
128
QFP
(Pb-Free and
Halogen–Free)
DAVICOM Semiconductor, Inc.
No.6, Li-Hsin Rd.VI, Science Park, Hsin-Chu, Taiwan, R.O.C.
TEL: 886-3-5798797
FAX: 886-3-5646929
E-mail: sales@davicom.com.tw



Html Pages

1 2