| データシートサーチシステム |
|
A113P4CWCQ0Q データシート(PDF) 4 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
A113P4CWCQ0Q データシート(HTML) 4 Page - Tyco Electronics |
|
4 / 13 page ![]() C25 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Gemini Series Toggle Switches, A Series, Options TERMINALS Right Angle Single Pole A Note: Terminal numbers viewed from top of P.C. boards. Note: Terminal numbers viewed from top of P.C. boards. Vertical Right Angle Double Pole Keyway .450 (11.43) .450 (11.43) .200 (5.08) .500 (12.70) .030 (.762) Typ. Epoxy Seal .150 (3.81) Typ. .125 (3.18) 25 ° .050 (1.27) Typ. .048 (1.22) Typ. .190 (4.83) .200 (5.08) .500 (12.7) .150 (3.81) Typ. .190 (4.83) .073 (1.85) Dia Typ. 1 2 3 4 5 6 Note: Terminal numbers viewed from top of P.C. boards. Vertical Right Angle Single Pole AV2 Keyway .500 (12.70) .048 (1.22) Typ. .500 (12.70) .030 (762) Typ. Epoxy Seal .150 (3.81) Typ. .500 (12.70) .073 (1.85) Dia. .150 (3.81) 3 .200 (5.08) .125 (3.18) .270 (6.86) 25 ° .050 (1.27) Typ. 2 1 Note: Terminal numbers viewed from top of P.C. boards. Right Angle Double Pole Keyway .450 (11.43) .125 (3.18) .048 (1.22) Typ. .048 (1.22) Typ. .200 (5.08) .500 (12.70) .500 (12.70) .050 (1.27) Epoxy Seal .185 (4.70) Typ. .030 (.762) Typ. .150 (3.81) .185 (4.70) Typ. .500 (12.70) .073 (1.85) Dia. .150 (3.81) 1 2 3 4 5 6 .200 (5.08) Keyway .270 (6.86) .125 (3.18) .048 (1.22) Typ. .200 (5.08) .500 (12.70) .500 (12.70) .050 (1.27) Epoxy Seal .185 (4.70) Typ. .030 (.762) Typ. .500 (12.7) .185 (4.70) 1 2 3 .073 (1.85) Typ. Dia. .200 (5.08) A AV2 |