| データシートサーチシステム |
|
ELM327P データシート(PDF) 75 Page - ELM Electronics |
|
|
|||||||||||||||||||||||||||||
ELM327P データシート(HTML) 75 Page - ELM Electronics |
|
75 / 76 page ![]() F Features, 1 Figure 9, 67 Flow Control Messages, Altering, 46 FMS Standard, 53 H Headers, setting them, 37-39 Higher RS232 Baud Rates, 59-60 I Initiation, Bus, 33 Inputs, unused, 5 Interface, Microprocessor, 64 Interpreting Trouble Codes, 31 J J1939, FMS Standard, 53 Messages, 48-49 Number of responses, 51 Using, 50-53 K KeepAlive (Wakeup) Messages, 33 L Low Power Operation, Description, 62-63 Modifications, 70-71 M Maximum Ratings, Absolute, 5 Messages and Filtering, CAN, 41 Messages, Error, 72-74 Message Formats, CAN, 44 Message Formats, OBD, 35-36 Index A Absolute Maximum Ratings, 5 Altering Flow Control Messages, 46 Applications, Example, 65-69 AT Commands, 9 AT Command Descriptions, 11-26 Summary, 9-10 B Battery Voltage, 27 Baud Rates, Using Higher RS232, 59-60 Block Diagram, 1 Bus FMS Standard, 53 Bus Initiation, 33 C CAN Extended Addresses, Using, 47 CAN Message Formats, 44 CAN Messages and Filtering, 41 Codes, Trouble, Interpreting, 31 Resetting, 32 Commands, AT Descriptions,11-26 Summary, 9-10 Commands, OBD, 28 Communicating with the the ELM327, 7-8 D Description and Features, 1 E Electrical Characteristics, 6 Error Messages, 72-74 Example Applications Basic, 65-67 Figure 9, 67 USB, 66-69 Low Power, 70-71 Extended Addresses, CAN, 47 75 of 76 ELM327 ELM327DSH Elm Electronics – Circuits for the Hobbyist www.elmelectronics.com |