| データシートサーチシステム |
|
78DXXG-AA3-R データシート(PDF) 7 Page - Advanced Monolithic Systems Ltd |
|
|
|||||||||||||||||||||||||||||
78DXXG-AA3-R データシート(HTML) 7 Page - Advanced Monolithic Systems Ltd |
|
7 / 8 page ![]() TYPICAL CHARACTERISTICS 0 26 8 2 4 6 Output Voltage vs. Input Voltage Input Voltage, VIN (V) 01 3 4 5 7 1 3 5 IOUT=0A VOUT=5V CIN=0.33uF COUT=0.1uF Ta: Room Temprature IOUT=0.25A IOUT=0.5A 0 1234567 8 0 1 2 3 4 5 6 Input Voltage, VIN (V) Circuit Operating Current vs. Input Voltage IOUT=0A IOUT=0.25A IOUT=0.5A VOUT=5V CIN=0.33uF COUT=0.1uF Ta: Room Temprature 0 2 4 6 Bias Current vs. Junction Temperature Junction Temperature, TJ (°C) -25 1 3 5 -5 15 35 55 75 95 115 135 155 VIN=10V IOUT=0A 4.5 Output Voltage vs. Junction Temperature Junction Temperature, TJ (°C) -25 -5 15 35 55 75 95 115 135 155 4.6 4.7 4.8 4.9 5.1 5.2 5.3 5.4 5.5 VIN=10V IOUT=5.0mA 5.0 1.8 2 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 -40 -20 140 120 100 80 60 40 20 0 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 36 0 3 6 912 15 18 21 24 27 30 33 40 Input Voltage, VIN (V) Short Current vs. Input Voltage Junction Temperature, TJ (°C) Dropout Voltage vs. Junction Temperature IOUT=0.1A IOUT=0A IOUT=0.5A AMS78DXX Advanced Monolithic Systems http://www.ams-semitech.com 7 |