| データシートサーチシステム |
|
MMA6519KW データシート(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA6519KW データシート(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 56 page ![]() Sensor Freescale Semiconductor, Inc. 21 MMA65xx 3.1.12 Count Register (COUNT) The count register is a read-only register which provides the current value of a free-running 8-bit counter derived from the pri- mary oscillator. A 10-bit pre-scaler divides the primary oscillator frequency by 1024. Thus, the value in the register increases by one count every 128 μs and the counter rolls over every 32.768 ms. 3.1.13 Offset Correction Value Registers (OFFCORR_X, OFFCORR_Y) The offset correction value registers are read-only registers which contain the most recent offset correction increment / dec- rement value from the offset cancellation circuit. The values stored in these registers indicate the amount of offset correction be- ing applied to the SPI output data. The values have a resolution of 1 LSB. 3.1.14 Reserved Registers (Reserved) Registers $1C and $1D are reserved. A write to the reserved bits must always be logic ‘0’ for normal device operation and performance. 3.2 Customer Accessible Data Array CRC Verification 3.2.1 OTP Shadow Register Array CRC Verification The OTP shadow register array is verified for errors using a 3-bit CRC. The CRC verification uses a generator polynomial of g(x) = X3 + X + 1, with a seed value = ‘111’. If a CRC error is detected in the OTP array, the IDE bit is set in the DEVSTAT register. 3.2.2 Writable Register CRC Verification The writable registers in the data array are verified for errors using a 3-bit CRC. The CRC verification is enabled only when the ENDINIT bit is set in the DEVCFG register. The CRC verification uses a generator polynomial of g(x) = X3+X+1, with a seed value = ‘111’. If a CRC error is detected in the writable register array, the IDE bit is set in the DEVSTAT register. Table 23. Count Register Location Bit Address Register 7654 3210 $15 COUNT COUNT[7] COUNT[6] COUNT[5] COUNT[4] COUNT[3] COUNT[2] COUNT[1] COUNT[0] Reset Value 0000 0000 Table 24. Offset Correction Value Register Location Bit Address Register 7654 3210 $16 OFFCORR_ X OFFCORR_ X[7] OFFCORR_ X[6] OFFCORR_ X[5] OFFCORR_ X[4] OFFCORR_ X[3] OFFCORR_ X[2] OFFCORR_ X[1] OFFCORR_ X[0] $17 OFFCORR_ Y OFFCORR_ Y[7] OFFCORR_ Y[6] OFFCORR_ Y[5] OFFCORR_ Y[4] OFFCORR_ Y[3] OFFCORR_ Y[2] OFFCORR_ Y[1] OFFCORR_ Y[0] Reset Value 0000 0000 Table 25. Reserved Registers Location Bit Address Register 7654 3210 $1C Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved $1D Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reset Value 0000 0000 |